Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC132 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC132
Description  Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC132 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC132 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC132 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC132 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC132 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC132 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
Quad 2-Input NAND Gate
with Schmitt-Trigger Inputs
KK74AC132
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
KK74AC132N Plastic
KK74AC132D SOIC
TA = -40° to 85° C for all packages
The KK74AC132 is identical in pinout to the LS/ALS132, HC/HCT132.
The device inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALS outputs.
The KK74AC132 can be used to enhance noise immunity or to square up
slowly changing waveforms.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
1


Similar Part No. - KK74AC132

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC138 KODENSHI-KK74AC138 Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
KK74AC138D KODENSHI-KK74AC138D Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
KK74AC138N KODENSHI-KK74AC138N Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
KK74AC139 KODENSHI-KK74AC139 Datasheet
248Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
KK74AC139D KODENSHI-KK74AC139D Datasheet
248Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC132

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC132 INTEGRAL-IN74AC132 Datasheet
108Kb / 4P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC132A KODENSHI-KK74HC132A Datasheet
203Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC132A INTEGRAL-IN74HC132A Datasheet
125Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC132A IKSEMICON-IN74HC132A Datasheet
189Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
IN74HCT132A IKSEMICON-IN74HCT132A Datasheet
188Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT132 KODENSHI-KK74ACT132 Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74HCT132A KODENSHI-KK74HCT132A Datasheet
195Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT132 IKSEMICON-IN74ACT132 Datasheet
175Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC132A MOTOROLA-MC54HC132A Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com