Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC11 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74AC11
Description  Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC11 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74AC11 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC11 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC11 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC11 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC11 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74AC11
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =3.0 V
VCC =4.5 V
VCC =5.5 V
0
0
0
150
40
25
ns/V
* V
IN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74AC11

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC112 KODENSHI-KK74AC112 Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74AC112D KODENSHI-KK74AC112D Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74AC112N KODENSHI-KK74AC112N Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC11

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC11A INTEGRAL-IN74HC11A Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT11 KODENSHI-KK74ACT11 Datasheet
229Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
KK74HC11A KODENSHI-KK74HC11A Datasheet
193Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC4075 MOTOROLA-MC74HC4075 Datasheet
71Kb / 4P
   TRIPLE 3- INPUT OR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
System Logic Semiconduc...
SL74HCT10 SLS-SL74HCT10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT10A KODENSHI-KK74HCT10A Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HC10A KODENSHI-KK74HC10A Datasheet
193Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC11 MOTOROLA-MC74HC11 Datasheet
140Kb / 4P
   Triple 3-lnput AND Gate High-Performance silicon-gate CMOS
logo
IK Semicon Co., Ltd
IW4025B IKSEMICON-IW4025B Datasheet
150Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com