Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KK74AC08 Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

Part No. KK74AC08
Description  Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KK74AC08 Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74AC08
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =3.0 V
VCC =4.5 V
VCC =5.5 V
0
0
0
150
40
25
ns/V
* V
IN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn