Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74AC02 Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74AC02
Description  Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74AC02 Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK74AC02 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74AC02 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74AC02 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74AC02 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74AC02 Datasheet HTML 5Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK74AC02
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A or B to
Output Y (Figure 1)
3.3
5.0
1.5
1.5
7.5
6.0
1.0
1.0
8.0
6.5
ns
tPHL
Propagation Delay, Input A or B to
Output Y (Figure 1)
3.3
5.0
1.5
1.5
7.5
6.5
1.0
1.0
8.0
7.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
30
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn