Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74AC00 Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK74AC00
Description  Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74AC00 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  KK74AC00 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74AC00 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74AC00 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74AC00 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74AC00 Datasheet HTML 5Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74AC00
Quad 2-Input NAND Gate
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74AC00N Plastic
KK74AC00D SOIC
TA = -40° to 85° C for all packages
The KK74AC00 is identical in pinout to the LS/ALS00, HC/HCT00.
The device inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LS/ALS outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn