Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CW30-RU0XX Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW30-RU0XX
Description  T-13/4 Precision Optical Performance White LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW30-RU0XX Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CW30-RU0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW30-RU0XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 6a. CW1x spatial radiation pattern
Figure 1. Relative intensity vs. wavelength
Figure 3. Relative lv vs. forward current
Figure 5. Maximum forward current vs. temperature
Figure 4. Chromaticity shift vs. current
WAVELENGTH – nm
380
780
1.0
0.6
0
680
580
480
0.4
0.8
0.2
Figure 2. Forward current vs. forward voltage
0
1.5
0.3
FORWARD CURRENT – mA
030
1.2
10
20
0.9
0.6
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
-0.010
0.025
0
0.005
-0.005
X-COORDINATES
(X,Y) VALUES @ 20 mA REFERENCE TO (0,0)
-0.004
0.004
-0.002
30 mA
5 mA
1 mA
0
0.002
0.015
0.010
0.020
25 mA
20 mA
15 mA
10 mA
0
0
FORWARD VOLTAGE – V
20
15
2
35
30
5
10
25
13
4
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
35
30
10
20
60
100
15
25
5
20


Similar Part No. - HLMP-CW30-RU0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CW36 HP-HLMP-CW36 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW36-10000 HP-HLMP-CW36-10000 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW36-100DD HP-HLMP-CW36-100DD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW36-10B00 HP-HLMP-CW36-10B00 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW36-10BDD HP-HLMP-CW36-10BDD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
More results

Similar Description - HLMP-CW30-RU0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com