Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-SL11-HL0XX Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-SL11-HL0XX
Description  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-SL11-HL0XX Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-SL11-HL0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11-HL0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 8b. Representative spatial radiation pattern for minor axis.
Intensity Bin Limits
(mcd at 20 mA)
Bin Name
Min.
Max.
D65
85
E85
110
F
110
140
G
140
180
H
180
240
J
240
310
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Tolerance for each bin limit is
± 15%.
Note:
1. Bin categories are established for
classification of products. Products may
not be available in all bin categories.
Figure 8a. Representative spatial radiation pattern for major axis.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
-90
0.4
-60
0
-30
15
45
90
-45
-15
30
60
-75
75
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
-90
0.4
-60
0
-30
15
45
90
-45
-15
30
60
-75
75
Bin Name
Min.
Max.
VA
2.0
2.2
VB
2.2
2.4
VC
2.4
2.6
Tolerance for each bin is
± 0.05 V.
VF Bin Table[2]
Blue
Color Range (nm)
Bin
Min.
Max.
1
460.0
464.0
2
464.0
468.0
3
468.0
472.0
4
472.0
476.0
5
476.0
480.0
Note:
1. All bin categories are established for
classification of products. Products may
not be available in all bin categories.
Please contact your Avago representa-
tives for further information.
Color Bin Limits
(nm at 20 mA)
Tolerance for each bin limit is
± 0.5 nm.
Green
Color Range (nm)
Bin ID
Min.
Max.
1
520.0
524.0
2
524.0
528.0
3
528.0
532.0
4
532.0
536.0
5
536.0
540.0
Tolerance for each bin limit is
± 0.5 nm.
Amber
Color Range (nm)
Bin ID
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Tolerance for each bin limit is
± 0.5 nm.


Similar Part No. - HLMP-SL11-HL0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-SL11-HLR00 HP-HLMP-SL11-HLR00 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results

Similar Description - HLMP-SL11-HL0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com