Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-LB11-FJ0XX Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LB11-FJ0XX
Description  4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB11-FJ0XX Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB11-FJ0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA = 25
°C
Parameter
Value
DC Forward Current[1]
30 mA
Peak Pulsed Forward Current[2]
100 mA
Power Dissipation
130 mW
Reverse Voltage
5 V (IR = 10
µA)
LED Junction Temperature
130
°C
Operating Temperature Range
–40
°C to +80°C
Storage Temperature Range
–40
°C to +100°C
Notes:
1. Derate linearly as shown in Figure 3.
2. Duty Factor 10%, Frequency 1 kHz.
Part Numbering System
HLMP-X X 11 – X X X XX
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
ZZ: Flexi-bin, Ammo Pack
Color Bin Selections
0: No color bin limitation
Maximum Intensity Bin
0: No Iv bin limitation
Minimum Intensity Bin
Refer to Device Selection Guide
Color
B: 470 nm Blue
M: 525 nm Green
Package
L: 4 mm Standard Oval


Similar Part No. - HLMP-LB11-FJ0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB17 AVAGO-HLMP-LB17 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-LB17-LP0XX AVAGO-HLMP-LB17-LP0XX Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
More results

Similar Description - HLMP-LB11-FJ0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com