Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-SB11 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-SB11
Description  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-SB11 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-SB11 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-SB11 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Figure 6. Amber, Red maximum forward
current vs. ambient temperature.
Figure 7. Blue, Green maximum forward
current vs. ambient temperature.
Figure 1. Relative intensity vs. wavelength.
Figure 2. Amber, Red forward current vs.
forward voltage.
Figure 4. Amber, Red relative luminous
intensity vs. forward current.
Figure 3. Blue, Green forward current vs.
forward voltage.
Figure 5. Blue, Green relative luminous
intensity vs. forward current.
WAVELENGTH – nm
1.0
0.5
0
600
700
400
650
AMBER
RED
550
500
450
BLUE
GREEN
0
40
20
VF – FORWARD VOLTAGE – V
1.0
3.0
AMBER
1.5
2.0
2.5
10
30
50
RED
0
30
15
VF – FORWARD VOLTAGE
2.0
4.0
2.4
3.2
3.6
5
20
35
2.8
10
25
0
0
IF – FORWARD CURRENT – mA
20
40
2.0
1.0
50
0.5
1.5
2.5
30
10
0
IF – FORWARD CURRENT – mA
030
520
25
1.5
10
0.5
1.0
15
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θj-a = 585° C/W
60
R
θj-a = 780° C/W
120
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
30
20
15
10
5
20
60
100
R
θj-a = 585° C/W
35
25


Similar Part No. - HLMP-SB11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-SB11 HP-HLMP-SB11 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-SB11-EH000 HP-HLMP-SB11-EH000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results

Similar Description - HLMP-SB11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com