Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-SD11 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-SD11
Description  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-SD11 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-SD11 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-SD11 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP II
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-RD11-J0000
Red 630
240
-
Yes
Parallel
B
HLMP-RD11-LP000
Red 630
400
1150
Yes
Parallel
B
HLMP-RD11-LPT00
Red 630
400
1150
Yes
Parallel
B
HLMP-RL11-H0000
Amber 592
180
-
Yes
Parallel
B
HLMP-RL11-LP000
Amber 592
400
1150
Yes
Parallel
B
HLMP-RL11-LPRxx
Amber 592
400
1150
Yes
Parallel
B
HLMP-SD11-J0000
Red 630
240
-
Yes
Perpendicular
A
HLMP-SD11-LP000
Red 630
400
1150
Yes
Perpendicular
A
HLMP-SD11-LPT00
Red 630
400
1150
Yes
Perpendicular
A
HLMP-SD11-MN0xx
Red 630
520
880
Yes
Perpendicular
A
HLMP-SD11-MNTxx
Red 630
520
880
Yes
Perpendicular
A
HLMP-SL11-H0000
Amber 592
180
-
Yes
Perpendicular
A
HLMP-SL11-HL0xx
Amber 592
180
520
Yes
Perpendicular
A
HLMP-SL11-KN0xx
Amber 592
310
880
Yes
Perpendicular
A
HLMP-SL11-LP0xx
Amber 592
400
1150
Yes
Perpendicular
A
HLMP-SL11-LPRxx
Amber 592
400
1150
Yes
Perpendicular
A
Device Selection Guide for InGaN
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SM11-LP0xx
Green 526
400
1150
Yes
Perpendicular
A
HLMP-RM11-H00xx
Green 526
180
-
Yes
Parallel
B
HLMP-RM11-M00xx
Green 526
520
-
Yes
Parallel
B
HLMP-SB11-H00xx
Blue 470
180
-
Yes
Perpendicular
A
HLMP-RB11-D00xx
Blue 470
65
-
Yes
Parallel
B
HLMP-RB11-H00xx
Blue 470
180
-
Yes
Parallel
B
Notes:
4. The luminous intensity is measured on the mechanical axis of the lamp package.
5. The optical axis is closely aligned with the package mechanical axis.
6. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.


Similar Part No. - HLMP-SD11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-SD11 HP-HLMP-SD11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-SD11 HP-HLMP-SD11 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SD11 AVAGO-HLMP-SD11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SD11-J0000 HP-HLMP-SD11-J0000 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SD11-J0000 AVAGO-HLMP-SD11-J0000 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
More results

Similar Description - HLMP-SD11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com