Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7689 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7689
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 1 Page - Analog Devices

  AD7689 Datasheet HTML 1Page - Analog Devices AD7689 Datasheet HTML 2Page - Analog Devices AD7689 Datasheet HTML 3Page - Analog Devices AD7689 Datasheet HTML 4Page - Analog Devices AD7689 Datasheet HTML 5Page - Analog Devices AD7689 Datasheet HTML 6Page - Analog Devices AD7689 Datasheet HTML 7Page - Analog Devices AD7689 Datasheet HTML 8Page - Analog Devices AD7689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16-Bit, 8-Channel,
250 kSPS PulSAR® ADC
Preliminary Technical Data
AD7689
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution with no missing codes
8-channel multiplexer with:
Unipolar single ended or
Differential (GND sense)/Bipolar inputs
Throughput: 250 kSPS
INL/DNL: ±0.6 LSB typical
Dynamic range: 93.5 dB
SINAD: 92.5 dB @ 20 kHz
THD: −100 dB @ 20 kHz
Analog input range:
0 V to VREF with VREF up to VDD
Reference:
Internal selectable 2.5 V/4.096 V or
External buffered (up to 4.096 V)
External (up to VDD)
Internal temperature sensor
Channel sequencer, selectable 1-pole filter, BUSY indicator
No pipeline delay, SAR architecture
Single-supply 2.7V – 5.5 V operation with
1.8 V to 5 V logic interface
Serial interface SPI®/QSPI™/MICROWIRE™/DSP compatible
Power dissipation:
6 mW @ 5 V/100 kSPS
Standby current: 1 nA
20-lead 4 mm × 4 mm LFCSP package
APPLICATIONS
Battery-powered equipment
Medical instruments
Mobile communications
Personal digital assitants
Data acquisition
Seismic data acquisition systems
Instrumentation
Process Control
FUNCTIONAL BLOCK DIAGRAM
AD7689
REF
GND
VDD
VIO
DIN
SCK
SDO
CNV
1.8V to
VDD
2.7V to 5V
Sequencer
SPI Serial
Interface
MUX
16-Bit SAR
ADC
Band Gap
REF
Temp
Sensor
REFIN
IN0
IN1
IN4
IN5
IN6
IN7
IN3
IN2
COM
0.5V to VDD
22
μF
1-Pole
LPF
0.5V to 4.096V
0.1
μF
Figure 1.
Table 1. Multichannel14-/16-Bit PulSAR ADC
Type
Channels
250
kSPS
500
kSPS
ADC
Driver
14-Bit
8
AD7949
ADA4841-x
16-Bit
4
AD7682
ADA4841-x
16-Bit
8
AD7689
AD7699
ADA4841-x
GENERAL DESCRIPTION
The AD7689 is an 8-channel 16-bit, charge redistribution
successive approximation register (SAR), analog-to-digital
converter (ADC) that operates from a single power supply, VDD.
The AD7689 contains all of the components for use in a multi-
channel, low power, data acquisition system including: a true 16-
bit SAR ADC with no missing codes; an 8-channel, low crosstalk
multiplexer useful for configuring the inputs as single ended (with
or without ground sense), differential or bipolar; an internal low
drift reference (selectable 2.5V or 4.096V) and buffer; a
temperature sensor; a selectable 1-pole filter; and a sequencer
useful when channels are continuously scanned in order.
The AD7689 uses a simple SPI interface for writing to the
configuration register and receiving conversion results. The SPI
interface uses a separate supply, VIO, which is set to the host logic
level.
Power dissipation scales with throughput.
The AD7689 is housed in a tiny 20-lead LFCSP with operation
specified from −40°C to +85°C.


Similar Part No. - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7689ACPZ AD-AD7689ACPZ Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
More results

Similar Description - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7694ARMZRL7 AD-AD7694ARMZRL7 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7694BRMZ AD-AD7694BRMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663 AD-AD7663_15 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com