Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-3080 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3080 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-3080 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Description
The ADNS-3080 is a high performance addition to Avago
Technologies’ popular ADNS family of optical mouse
sensors.
The ADNS-3080 is based on a new, faster architecture with
improved navigation. The sensor is capable of sensing high
speed mouse motion - up to 40 inches per second and
acceleration up to 15g – for increased user precision and
smoothness.
The ADNS-3080 along with the ADNS-2120 (or ADNS-2120-
001) lens, ADNS-2220 (or ADNS-2220-001) assembly clip and
HLMP-ED80-XX000 form a complete, compact optical mouse
tracking system. There are no moving parts, which means
high reliability and less maintenance for the end user. In
addition, precision optical alignment is not required, facilitat-
ing high volume assembly.
The sensor is programmed via registers through a four-wire
serial port. It is packaged in a 20-pin staggered dual inline
package (DIP).
Theory of Operation
The ADNS-3080 is based on Optical Navigation Technol-
ogy, which measures changes in position by optically
acquiring sequential surface images (frames) and math-
ematically determining the direction and magnitude of
movement.
It contains an Image Acquisition System (IAS), a Digital
Signal Processor (DSP), and a four-wire serial port.
The IAS acquires microscopic surface images via the lens
and illumination system. These images are processed
by the DSP to determine the direction and distance of
motion. The DSP calculates the ∆x and ∆y relative dis-
placement values.
An external microcontroller reads the ∆x and ∆y informa-
tion from the sensor serial port. The microcontroller then
translates the data into PS2 or USB signals before sending
them to the host PC or game console.
Features
• High speed motion detection – up to 40 ips and 15g
• New architecture for greatly improved optical
navigation technology
• Programmable frame rate over 6400 frames per
second
• SmartSpeed self-adjusting frame rate for optimum
performance
• Serial port burst mode for fast data transfer
• 400 or 1600 cpi selectable resolution
• Single 3.3 volt power supply
• Four-wire serial port along with Chip Select, Power
Down, and Reset pins
Applications
• Mice for game consoles and computer games
• Mice for desktop PC’s, Workstations, and portable
PC’s
• Trackballs
• Integrated input devices
ADNS - 3080
High-Performance Optical Mouse Sensor
Data Sheet


Similar Part No. - ADNS-3080

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
More results

Similar Description - ADNS-3080

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com