Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-8940 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-8940
Description  Ultra Miniature, High Resolution Incremental
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-8940 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-8940 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-8940 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-8940 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-8940 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-8940 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-8940 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-8940 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AEDA-3200-Txx Series
Ultra Miniature, High Resolution Incremental Encoders
Data Sheet
Description
The AEDA-3200-T series (top mounting type) are high
performance, cost effective, three-channel optical
incremental encoder modules.
AEDA-3200-T series emphasize high reliability, high resolu-
tion and easy assembly, using transmissive encoder tech-
nology to sense rotary position. Outputs of the AEDA-3200
encoders are two channel quadrature outputs and a third
channel gated index output. These encoder modules can
be easily mounted to customer specific applications with
the specially designed mechanical alignment tool.
Features
• Two channel quadrature output with index
• Quick and easy assembly with alignment tool
• Cost-effective
• Ultra miniature size (ø17 mm)
• Resolution options from 2500 to 7500 Cycles Per
Revolution (CPR), up to 30000 counts with 4X decod-
ing
• Integrated RS 422 differential line driver


Similar Part No. - HEDS-8940

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-8949 AVAGO-HEDS-8949 Datasheet
2Mb / 15P
   Alignment Kit for AEAT-9000 Encoders
More results

Similar Description - HEDS-8940

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDA-3300 AVAGO-AEDA-3300 Datasheet
201Kb / 9P
   Ultra Miniature, High Resolution Incremental Kit Encoders Cost eff ective
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
OmniVision Technologies...
OV10823 OMNIVISION-OV10823 Datasheet
8Mb / 2P
   Ultra-High Resolution CameraChip??Sensor
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
Ouster Inc.
OS0 OUSTER-OS0 Datasheet
386Kb / 6P
   Ultra-Wide View High-Resolution Imaging Lidar
REV 06/26/2023
logo
Electronic devices inc.
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
   HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
Sony Corporation
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com