Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-9001 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9001
Description  Miniature Surface-Mount Ambient Light Photo Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9001 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-9001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Moisture Proof Packaging
All HSDL-9001 options are
shipped in moisture proof
package. Once opened, moisture
absorption begins.
This part is compliant to JEDEC
Level 2a.
Baking Conditions
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Package
Temp.
Time
In reels
60
°C
20 hours
In bulk
125
°C3 hours
Baking should only be done once.
Recommended Storage Conditions
Storage Temperature
10
°C to 30°C
Relative Humidity
below
60% RH
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within
three days if stored at the
recommended storage conditions.
If times longer than four weeks
are needed, the parts must be
stored in a dry box.
Figure 5. Baking conditions chart.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30
°C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 672 HOURS
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES


Similar Part No. - HSDL-9001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-9001 HP-HSDL-9001 Datasheet
87Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Diode
More results

Similar Description - HSDL-9001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-9001 HP-HSDL-9001 Datasheet
87Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Diode
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com