Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HDSP-521A Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HDSP-521A
Description  14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HDSP-521A Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 1. Maximum allowable average or DC
current vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC
forward current.
Figure 4. Relative efficiency (luminous
intensity per unit current) vs. peak current.
AlGaAs Red
Electrical/Optical Characteristics at TA = 25˚C
AlGaAs Red
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
3.66
mcd
IF = 5 mA
3.201
6.500
mcd
IF = 10 mA
Forward Voltage
VF
1.85
2.00
V
IF = 20 mA
Peak Wavelength
λPEAK
660
nm
Dominant Wavelength
λd
643
nm
Reverse Voltage
VR
5
V
IR = 100 µA
521A
523A
0
0
TA – AMBIENT TEMPERATURE – °C
100
16
12
4
8
2
6
10
14
40
60
80
20
0
0
VF – FORWARD VOLTAGE – V
60
1.0
2.5
120
20
0.5
1.5
40
80
100
2.0
0
0
IF – FORWARD CURRENT PER SEGMENT – mA
2.5
1.5
0.5
20
2.0
1.0
10
515
25
0
0.8
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
45
10
35 40
50
1.2
1.0
0.9
30
25
20
15
5
1.1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn