Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMC-PXB9-TXXX5 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMC-PXB9-TXXX5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMC-PXB9-TXXX5 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMC-PXB9-TXXX5 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMC-PXB9-TXXX5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• IndustrystandardPLCC-4(PlasticLeadedChip
Carrier)
• HighreliabilityLEDpackage
• Mid-Powerintensitybrightnesswithoptimumflux
performanceusingTSAlInGaPdicetechnologies
• AvailableinRed,RedOrangeandAmbercolors
• Highopticalefficiency
• Higherambienttemperatureatthesamecurrent
possiblecomparedtoPLCC-2
• Superwideviewingangleat120°
• Availablein8mmcarriertapeon7-inchreel
• CompatiblewithbothIRandTTWsolderingprocess
Applications
• Interiorautomotive
–Instrumentpanelbacklighting
–Centralconsolebacklighting
–Navigationandaudiosystem
–Pushbuttonbacklighting
• Exteriorautomotive
–Turnsignals
–Siderepeaters
–CHMSL
–Rearcombinationlamp
–Puddlelight
• Electronicsignsandsignals
–Channellettering
–Contourlighting
–Indoorvariablemessagesign
• Officeautomation,homeappliances,industrial
equipment
–Frontpanelbacklighting
–Pushbuttonbacklighting
–Displaybacklighting
Envisium
Envisium is the premier class of mid-Power LEDs from
Avago and Lumileds utilizing the very best solid-state
lighting technologies from these two industry leaders.
Envisium LEDs offer unparalleled performance, engi-
neeringanddesignflexibility.Fortheveryfirsttime,cus-
tomershaveoptionsformid-powerLEDs.
Description
TheEnvisiumPowerPLCC-4SMTLEDisanextensionof
Avago’s PLCC-4 SMT LEDs.The package can be driven
athighcurrentduetoitssuperiorpackagedesign.The
product is able to dissipate the heat more efficiently
comparedtotheconventionalPLCC-2SMTLEDs.These
LEDsproducehigherlightoutputwithbetterfluxperfor-
mancecomparedtotheconventionalPLCC-4SMTLEDs.
TheEnvisiumPowerPLCC-4SMTLEDsaredesignedfor
higher reliability, better performance, and operate un-
derawiderangeofenvironmentalconditions.Theper-
formancecharacteristicsofthesenewmid-powerLEDs
makethemuniquelysuitableforuseinharshconditions
such as in automotive applications, and in electronics
signsandsignals.
Tofacilitateeasypickandplaceassembly,theLEDsare
packed in EIA-compliant tape and reel. Every reel is
shippedinsingleintensityandcolorbin(exceptforred),
toprovidecloseuniformity.TheseLEDsarecompatible
withtheIRsolderreflowprocess.Duetothehighreliabil-
ityfeatureoftheseproducts,theyalsocanbemounted
usingthrough-the-wavesolderingprocess.
TheEnvisiumPowerPLCC-4SMTLEDisavailablein3col-
ors,red,red-orangeandamber.
ASMC-PxB9-Txxxx
Envisium Power PLCC-4 Surface Mount LED
DataSheet


Similar Part No. - ASMC-PXB9-TXXX5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PXB9-TXXXX HP-ASMC-PXB9-TXXXX Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PXB9-TXXX5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com