Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD44600 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CRD44600
Description  Stereo 100 W PWM Amplifier Reference Design
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD44600 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CRD44600 Datasheet HTML 22Page - Cirrus Logic CRD44600 Datasheet HTML 23Page - Cirrus Logic CRD44600 Datasheet HTML 24Page - Cirrus Logic CRD44600 Datasheet HTML 25Page - Cirrus Logic CRD44600 Datasheet HTML 26Page - Cirrus Logic CRD44600 Datasheet HTML 27Page - Cirrus Logic CRD44600 Datasheet HTML 28Page - Cirrus Logic CRD44600 Datasheet HTML 29Page - Cirrus Logic CRD44600 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
CRD44600-PH-FB
26
MAR '05 DS633RD1
9. TYPICAL PERFORMANCE PLOTS
These performance plots were taken with the CRD44600-PH-FB powered from the described
+50 V linear unregulated power supply. The PSR circuitry was calibrated to a nominal +50 V rail.


Similar Part No. - CRD44600

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44600-PH-FB CIRRUS-CRD44600-PH-FB Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CRD44600-PH-FB CIRRUS-CRD44600-PH-FB Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
CRD44600-PH-FB CIRRUS-CRD44600-PH-FB Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CRD44600-PH-FB CIRRUS-CRD44600-PH-FB Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
More results

Similar Description - CRD44600

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
   2 x 15 W Digital Amplifier Reference Design
logo
List of Unclassifed Man...
RS-101 ETC-RS-101 Datasheet
1Mb / 2P
   Reference Stereo Amplifier
logo
Cirrus Logic
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
   1 x 1.7 W CS35L01 Amplifier Reference Design Kit
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com