Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3600 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3600
Description  IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3600 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HSDL-3600 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
HSDL-3600#107 and HSDL-3600#117 Package Outline with Dimension
and Recommended PC Board Pad Layout
HSDL-3600#107/#117
(Top Option)
4 ± 0.1
1.925
0.3
3.24
12.4
3.83
1.65
0.74
1.55
0.64
12.2
5.19
R 1.78
R 2.0
4.7
1.2
0.9
0.3
4.95
0.7 ± 0.1
1
2
3
4
5
6
7
8
9
10
0.425
10-R 0.25 ± 0.1
P1.1 ± 0.1 x 9 = 9.9 ± 0.1
0.3
0.8
1.1
1.4
1.9
2.4
4.05
1.0
90° ± 0
2-R 0.5
3.0
0.5
2.65
1 VDD
2 AGND
3 FIREN
4 MD0
5 MD1
6 N.C.
7 GND
8 RXD
9 TXD
10 LEDA
TOLERANCE ± 0.2 MIN.
UNIT = mm


Similar Part No. - HSDL-3600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
More results

Similar Description - HSDL-3600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com