Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMMC-6232 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AMMC-6232
Description  18 to 32 GHz GaAs High Linearity Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6232 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6232 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AMMC-6232 Typical Performance (Cont)
(TA = 25°C, Vdd=4V, Idd=135mA, Zin = Zout = 50 Ω, on-wafer unless noted)
Figure 7. Isolation
-70
-60
-50
-40
-30
-20
15
20
25
30
35
Frequency (GHz)
0
10
20
30
40
15
20
25
30
35
Frequency (GHz)
4V
5V
3V
-30
-20
-10
0
15
20
25
30
35
Frequency (GHz)
4V
3V
5V
50
80
110
140
170
200
3
3.5
4
4.5
5
Vdd (V)
0
1
2
3
4
5
18 20 22 24 26 28 30 32
Frequency (GHz)
3V
4V
5V
-30
-20
-10
0
15
20
25
30
35
Frequency (GHz)
4V
5V
3V
Figure 10. Noise Figure Over Vdd
Figure 8. Idd Over Vdd (same Vg)
Figure 9. Small-signal Gain Over Vdd
Figure 11. Input Return Loss Over Vdd
Figure 12. Output Returrn Loss Over Vdd


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn