Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMMC-6232 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AMMC-6232
Description  18 to 32 GHz GaAs High Linearity Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6232 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6232 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

AMMC-6232
8 to 32 GHz GaAs High Linearity Low Noise Amplifier
Data Sheet
Chip Size: 800 μm x 2000μm (31.5 x 78.74 mils)
Chip Size Tolerance: ±10 μm (±0.4 mils)
Chip Thickness: 100 ± 10 μm (4 ±0.4 mils)
Pad Dimensions: 100 x 100 μm (4 x 4 mils)
Features
• 800μm x 2000μm Die Size
• Single Positive Bias Supply
• Unconditionally Stable
Specifications (Vdd = 4.0V, Idd = 135mA)
• RF Frequencies: 18 - 32 GHz
• High Output IP3: 29dBm
• High Small-Signal Gain: 27dB
• Typical Noise Figure: 2.8dB
• Input, Output Match: -10dB
Applications
• Microwave Radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access
(including 802.16 and 802.20 WiMax)
• WLL and MMDS loops
• Commercial grade military
Note:
1. This MMIC uses depletion mode pHEMT devices.
Description
Avago Technologies AMMC-6232 is an easy-to-use
broadband, high gain, high linearity Low Noise Amplifier
that operates from 18 GHz to 32GHz. The wide band and
unconditionally stable performance makes this MMIC
ideal as a primary or sub-sequential low noise block or
a transmitter or LO driver. The MMIC has 4 gain stages
and requires a 4V, 135mA power supply for optimal
performance. The two gate bias voltages can be combined
for ease of use or separated for more control flexibility. DC-
block capacitors are integrated at the input and output
stages. Since this MMIC covers several bands, it can reduce
part inventory and increase volume purchase options The
MMIC is fabricated using PHEMT technology to provide
exceptional low noise, gain and power performance. The
backside of the chip is both RF and DC ground which
helps simplify the assembly process and reduce assembly
related performance variations and cost.
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1A)
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn