Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDR-8000 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDR-8000
Description  Reflective Surface Mount Optical Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDR-8000 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AEDR-8000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings
Storage Temperature, TS
-40
°C to 85°C
Operating Temperature, TA
-20
°C to 85°C
Supply Voltage, VCC
-0.5 V to 7 V
Output Voltage, VO
-0.5 V to VCC
Output Current per Channel, IOUT
-1.0 mA to 8 mA
ESD
Human Body Model JESD22-A114-A Class 2
Machine Model JESD22-A115-A Class B
Notes:
1. Exposure to extreme light intensity (such as from flashbulbs or spotlights) may cause permanent damage to the device.
2. CAUTION: It is advised that normal static precautions should be taken when handling the encoder in order to avoid damage and/or degradation
induced by ESD.
3. Proper operation of the encoder cannot be guaranteed if the maximum ratings are exceeded.
Recommended Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Units
Notes
Temperature
TA
025
85
°C
Supply Voltage
VCC
4.5
5.0
5.5
V
Ripple < 100 mVp-p
LED Current
ILED
13
15
18
mA
See note 1
Load Capacitance
CL
100
pF
2.7 k
Ω Pull-Up
Count Frequency
f
30
kHz
See note 2
Radial Misalignment
ER
±0.38
mm (in.)
(
±0.015)
Tangential Misalignment
ET
± 0.38
mm (in.)
(
± 0.015)
Angular Misalignment
EA
0
± 1.5
deg.
Codewheel/Strip Tilt
CT
01
deg.
Codewheel/Strip Gap
G
1.0 (0.04)
2.0 (0.08)
2.5 (0.10)
mm (in.)
Note:
1. Refer to “LED Current Limiting Resistor” on page 5.
2. Count frequency = velocity (RPM) x N/60.
Encoding Characteristics
Encoding characteristics over the recommended operating condition and mounting conditions.
Parameter
Symbol
Typical
Maximum
Unit
Notes
Pulse Width Error
D
P15
55
°e
AEDR-8010-K
Pulse Width Error (Ch. A, Ch. B)
D
P
15, 25
55, 75
°e
AEDR-8000-K
16
75
AEDR-8100-P
16
75
AEDR-8100-Q
Phase Error
Df
12
60
°e
AEDR-8000-K
10
60
AEDR-8100-P
10
60
AEDR-8100-Q
Note: Typical values represent the encoder performance at typical mounting alignment, whereas the maximum values represent the encoder
performance across the range of recommended mounting tolerance.


Similar Part No. - AEDR-8000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
   Single channel incremental output
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300-1K0 HP-AEDR-8300-1K0 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1K1 HP-AEDR-8300-1K1 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
C14 CUI-C14 Datasheet
413Kb / 5P
   panel mount optical encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com