Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9003 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9003
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9003 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9003 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
APDS-9003
Miniature Surface-Mount Ambient Light Photo Sensor
Data Sheet
Features
• Excellent responsivity
Close responsivity to the human eye
• Miniature ChipLed Leadfree surface-mount
package:
Height – 0.55mm
Width – 1.60mm
Depth – 1.50mm
• Low sensitivity variation across various light sources
• Operating temperature: -400C to 850C
• Vcc supply 2.4 to 5.5V
• ROHS compliant and Lead Free Package
Applications
• Detection of ambient light to control display
backlighting
Mobile devices – Mobile phones, PDAs
Computing devices – Notebooks, Webpads
Consumer devices – TVs, Video Cameras,
Digital Still Cameras
• Automatic Residential and Commercial Lighting
Management
• Electronic Signs and Signals
Description
The APDS-9003 is a low cost analog-output ambient light
photo sensor in miniature chipLED lead-free surface
mount package. It consists of a spectrally suited photo
sensor, which provides excellent responsivity that is close
to the response of the human eyes, as shown in figure 2.
The APDS-9003 is ideal for applications in which the
measurement of ambient light is used to control display
backlighting. Mobile appliances such as the mobile
phones and PDAs that draw heavy current from display
backlighting will benefit from incorporating these photo
sensor products in their designs by reducing power
consumption significantly.
Application Support Information
The Application Engineering Group is available to assist
you with the application design associated with APDS-
9003 ambient light photo sensor module. You can contact
them through your local sales representatives for
additional details.


Similar Part No. - APDS-9003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002-021 HP-APDS-9002-021 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS-9003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com