Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-FW00-JM0XX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-FW00-JM0XX
Description  5mm Flat Top InGaN White LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-FW00-JM0XX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-FW00-JM0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Color Bin Limit Tables
Rank
Limits (Chromaticity Coordinates)
1
x
y
0.330
0.360
0.330
0.318
0.356
0.351
0.361
0.385

x
y
0.87
0. 95
0.96
0.76
0.330
0.318
0.330
0.339
3
x
y
0.64
0.67
0.80
0.48
0.96
0.76
0.83
0.305
4
x
y
0.83
0.305
0.87
0.95
0.330
0.339
0.330
0.360
Tolerance for each bin limit is ±0.01
0.20
0.25
0.30
0.35
0.40
0.26
0.3
0.34
0.38
X-coordinate
1
2
3
4
Black Body Curve
Note:
1. Bin categories are established for classification of products. Products
may not be available in all bin categories. Please contact your Avago
representative for information on currently available
Intensity Bin Limits (mcd at 20 mA)
Bin
Min.
Max.
J
40
310
K
310
400
L
400
50
M
50
680
Tolerance for each bin limit is ±15%
Color Bin Limits with Respect to CIE 1931 Chromaticity Diagram
Relative Light Output vs. Junction Temperature
0
1.2
1.0
TJ - JUNCTION TEMPERATURE - C
-40
1.4
0.8
-20
0
20
40
60
120
80
100
0.2
0.4
0.6


Similar Part No. - HLMP-FW00-JM0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-FW00-JM0XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L543 BETLUX-BL-L543 Datasheet
240Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
BL-L542 BETLUX-BL-L542 Datasheet
237Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
logo
Marktech Corporate
MT4730NF-WT MARKTECH-MT4730NF-WT Datasheet
50Kb / 2P
   5mm Flat Top White Emitter
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
   5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
   5mm InGaN/SiC White Ultra Bright LED
logo
OptoSupply Internationa...
OSW5DA57E1A OPTOSUPPLY-OSW5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Pure White LED
OSM5DL57E1A OPTOSUPPLY-OSM5DL57E1A Datasheet
98Kb / 1P
   5mm Flat Warm White LED
OSM5DK57E1A OPTOSUPPLY-OSM5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Warm White LED
OSM5DA57E1A OPTOSUPPLY-OSM5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Warm White LED
OSW5DK57E1A OPTOSUPPLY-OSW5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Pure White LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com