Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-MX00 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MX00
Description  1 W Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MX00 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MX00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Sub-Color Binning
(Only Applicable for Color Bin A to Bin D and Bin G to Bin H)
Cool White
(Chromaticity Coordinates)
Bin D1
X
Y
0.329
0.345
0.329
0.331
0.317
0.320
0.316
0.333
Bin D2
X
Y
0.329
0.331
0.329
0.320
0.318
0.310
0.317
0.320
Bin D3
X
Y
0.329
0.320
0.329
0.302
0.320
0.293
0.318
0.310
Bin D4
X
Y
0.316
0.333
0.317
0.320
0.307
0.311
0.305
0.322
Bin D5
X
Y
0.317
0.320
0.318
0.310
0.309
0.300
0.307
0.311
Bin D6
X
Y
0.318
0.310
0.320
0.293
0.311
0.285
0.309
0.300
Bin G1
X
Y
0.392
0.421
0.386
0.400
0.364
0.383
0.367
0.400
Bin G2
X
Y
0.386
0.400
0.382
0.385
0.362
0.372
0.364
0.383
Bin H1
X
Y
0.382
0.385
0.378
0.370
0.360
0.357
0.362
0.372
Bin H2
X
Y
0.378
0.370
0.375
0.358
0.358
0.343
0.360
0.357
Bin H3
X
Y
0.375
0.358
0.371
0.344
0.356
0.330
0.358
0.343
Tolerances ±0.01
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
X - COORDINATE
Black Body Curve
4.5k
5.6k
7k
10k
4.0k
A1
A2
A3
A4
B1
B2
B3
B4
B5
B6
C1
C2
C3
C4
D1
D2
D3
D4
D5
D6
G1
G2
H1
H2
H3
Color Limits
Cool White
(Chromaticity Coordinates)
Bin A1
X
Y
0.364
0.383
0.367
0.400
0.348
0.385
0.347
0.372
Bin A2
X
Y
0.364
0.383
0.362
0.372
0.346
0.359
0.347
0.372
Bin A3
X
Y
0.329
0.357
0.329
0.369
0.348
0.385
0.347
0.372
Bin A4
X
Y
0.329
0.345
0.329
0.357
0.347
0.372
0.346
0.359
Bin B1
X
Y
0.362
0.372
0.360
0.357
0.344
0.344
0.346
0.359
Bin B2
X
Y
0.360
0.357
0.358
0.343
0.343
0.331
0.344
0.344
Bin B3
X
Y
0.358
0.343
0.356
0.330
0.341
0.314
0.343
0.331
Bin B4
X
Y
0.329
0.331
0.329
0.345
0.346
0.359
0.344
0.344
Bin B5
X
Y
0.329
0.331
0.344
0.344
0.343
0.331
0.329
0.320
Bin B6
X
Y
0.343
0.331
0.341
0.314
0.329
0.302
0.329
0.320
Bin C1
X
Y
0.329
0.369
0.329
0.357
0.315
0.344
0.314
0.355
Bin C2
X
Y
0.329
0.357
0.329
0.345
0.316
0.333
0.315
0.344
Bin C3
X
Y
0.314
0.355
0.315
0.344
0.303
0.333
0.301
0.342
Bin C4
X
Y
0.315
0.344
0.316
0.333
0.305
0.322
0.303
0.333


Similar Part No. - ASMT-MX00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
More results

Similar Description - ASMT-MX00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00-NDF00 AVAGO-ASMT-MB00-NDF00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
   MoonstoneTM 1/2W Power LED Light Source
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com