Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-779BZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-779BZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-779BZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-779BZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Electrical Characteristics
Transmitter Electrical Characteristics
(TC = 0 °C to +80 °C, VCC = 3.3 V ± 5%, Typical TC = +40 °C, VCC = 3.3 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
(Conditions)
Supply Current
ICCT
320
415
mA
Fig. 6
Power Dissipation
PDIST
1.1
1.45
W
Differential Input Impedance
Zin
80
100
120
W
1, Fig. 7, 11
FAULT Assert Time
TOFF
200
250
µs
Fig. 13
RESET Assert Time
TOFF
57.5
µs
Fig. 14
RESET De-assert Time
TON
55
100
ms
Fig. 14
Transmit Enable (TX_EN) Assert Time
TON
55
100
ms
Fig. 15
Transmit Enable (TX_EN) De-assert Time
TOFF
5
7.5
µs
2, Fig. 15
Transmit Disable (TX_DIS) Assert Time
TOFF
57.5
µs
Fig. 15
Transmit Disable (TX_DIS) De-assert Time
TON
55
100
ms
Fig. 15
Power On Initiation Time
TINT
60
100
ms
Fig. 12
Control I/Os
|Input Current High |
|IIH|
0.5
mA
(2.0 V < VIH < VCC)
(TX_EN, TX_DIS
| Input Current Lo w|
|IIL|
0.5
mA
(VEE < VIL < 0.8 V)
FAULT, RESET)
Output Voltage Low
VOL
VEE
0.4
V
(IOL = 4.0 mA)
LVTTL & LVCMOS Output Voltage High
VOH
2.5
3.3
VCC
V(IOH = –0.5 mA)
Compatible
Notes:
1. Differential impedance is measured between DIN+and DIN– over the range 4 MHz to 2 GHz.
2. When the control signal Transmitter Enable, Tx_EN, is used to disable the transmitter, Tx_EN must be taken to a logic low-state level (VIL) for one
millisecond or longer. Similarly, if the control signal Transmitter Disable, Tx_DIS, is used, then Tx_DIS must be taken to a logic high- state level
(VIH) for one millisecond or longer.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn