Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HFBR-779BZ Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-779BZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HFBR-779BZ Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
Figure 5. Recommended receiver power supply filter.
VCC
HFBR-789BZ
V
CCR
V
CCR
V
CCR
V
CCR
VCCR
VCCR
R = 100
0603
C = 10 µF
1210
L = 1 µH
2220
L = 6.8 nH
0805
R = 1.0 k
0603
C = 0.1 µF
0603
C = 0.1 µF
0603
C = 10 µF
1210
VCCR
VCCR
NOTE:
1. VCC IS DEFINED BY 3.135 < V CC < 3.465 VOLTS AND THE POWER SUPPLY FILTER HAS < 50 mV DROP
ACROSS IT RESUL TING IN 3.085 < V CCR < 3.415 VOLTS.
Figure 6. Recommended transmitter power supply filter.
VCC
HFBR-779BZ
R = 100
0603
C = 10 µF
1210
L = 1 µH
2220
L = 6.8 nH
0805
R = 1.0 k
0603
C = 0.1 µF
0603
C = 0.1 µF
0603
C = 10 µF
1210
NOTE:
VCC IS DEFINED BY 3.135 < VCC < 3.465 VOLTS AND THE POWER SUPPLY FILTER HAS <50 mV DROP
ACROSS IT RESULTING IN 3.085 < VCCT < 3.415 VOLTS.
VCCT
VCCT
VCCT
VCCT
VCCT
VCCT
VCCT
VCCT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn