Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HFBR-779BZ Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-779BZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HFBR-779BZ Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Figure 3. Case temperature measurement.
POINT FOR TAKING
MODULE TEMPERATURE
Bar Code
Part Num
ber
Agilent
0
30
AIR SPEED (m/sec)
2.0
50
45
0.5
1.0
60
2.5
35
40
55
65
80
1.5
HEATSINK CASE
TEMP @ 80˚C
HEATSINK CASE
TEMP @ 70˚C
70
75
AMBIENT AIR TEMPERATURE vs. AIR SPEED
w/1.5 WATTS TRANSMITTER WORST CASE
Figure 4. Ambient air temperature and air flow for TC = +80 °C and TC = +70 °C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn