Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HFBR-772BZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HFBR-772BZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Parameter
Symbol
Min.
Max.
Unit
Reference
Storage Temperature (non-operating)
TS
–40
100
°C
1
Case Temperature (operating)
TC
90
°C
1, 2, 4
Supply Voltage
VCC
–0.5
4.6
V
1, 2
Data/Control Signal Input Voltage
VI
–0.5
VCC + 0.5
V
1
Transmitter Differential Data Input Voltage
|VD|2
V
1, 3
Output Current (dc)
ID
25
mA
1
Relative Humidity (non-condensing)
RH
5
95
%
1
m Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Case Temperature
TC
040
80
°C
2, Figs. 3
Supply Voltage
VCC
3.135
3.3
3.465
V
Figs. 5, 6, 12
Signaling Rate per Channel
1
2.7
Gbd
3
Data Input Differential Peak-to-Peak
Voltage Swing
DVDINP-P
175
1400
mVP-P
4, Figs. 7, 8
Control Input Voltage High
VIH
2.0
VCC
V
Control Input Voltage Low
VIL
VEE
0.8
V
Power Supply Noise for
Transmitter and Receiver
NP
200
mVP-P
5, Figs. 5, 6
Transmitter/Receiver Data
I/O Coupling Capacitors
CAC
0.1
µF
Fig. 7
Receiver Differential Data Output Load
RDL
100
W
Fig. 7
Notes:
1. Recommended Operating Conditions are those values outside of which functional performance is not intended, device reliability is not implied, and
damage to the device may occur over an extended period of time. See Reliability Data Sheet for specific reliability performance.
2. Case Temperature is measured as indicated in Figure 3.
3. The receiver has a lower cut off frequency near 100 kHz.
4. Data inputs are CML compatible. Coupling capacitors are required to block DC.
∆VDINP-P = ∆V
DINH – ∆VDINL, where ∆VDINH = High State
Differential Data Input Voltage and
∆V
DINL = Low State Differential Data Input Voltage.
5. Power Supply Noise is defined for the supply, VCC, over the frequency range from 500 Hz to 2500 MHz, with the recommended power supply filter in
place, at the supply side of the recommended filter. See Figures 5 and 6 for recommended power supply filters.
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur. See Reliability Data Sheet for specific reliability
performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability is not
implied, and damage to the device may occur over an extended period of time.
3. This is the maximum voltage that can be applied across the Transmitter Differential Data Inputs without damaging the input circuit.
4. Case Temperature is measured as indicated in Figure 3.
Absolute Maximum Ratings [1,2]
Recommended Operating Conditions [1]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn