Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-772BZ Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-772BZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BZ Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Figure 7. Recommended ac coupling and data signal termination.
NOTE:
AC coupling capacitors should be used to connect data outputs to data inputs between
the HFBR-772BZ, HFBR-782BZ, and host board ICs (eg ASIC) with either 50
Ω single
ended or 100
Ω differential terminations as shown. The capacitors' value can be reduced
from 100 nF (0603 size) if the data rate and run length are limited.
DATA OUT (+)
HFBR-772BZ
R
50
DATA OUT (–)
R
50
R
100
ASIC
HFBR-782BZ
RDL
100
DOUT (+)
DOUT (–)
C = 100 nF
C = 100 nF
C = 100 nF
C = 100 nF
Unused receiver
channel outputs
must be terminated
D IN+
D IN–
TRANSMITTER
∆V DIN
+
D OUT+
D OUT–
RECEIVER
+
∆V DOUT
∆V DI/OH
∆V DI/OL
V DI/O+
V DI/O–
∆V DI/O P-P
∆V DI/OL
+
∆V DI/OH
V DI/O REFERS TO
EITHER VDIN OR VDOUT
AS APPROPRIATE
Figure 8. Differential signals.


Similar Part No. - HFBR-772BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BEPWZ AVAGO-HFBR-772BEPWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
HFBR-772BEWZ AVAGO-HFBR-772BEWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
HFBR-772BHWZ AVAGO-HFBR-772BHWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
More results

Similar Description - HFBR-772BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com