Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G00ASI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PO74G00ASI
Description  54, 74 Series GHz Logic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G00ASI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PO74G00ASI Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G00ASI Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G00ASI Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G00ASI Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G00ASI Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G00ASI Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Copyright © 2005-2007, Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G00ASU
PO74G00AS
PO74G00AS
PO74G00ASR
-40°C to 85°C
-40°C to 85°C
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G00ASiU
PO74G00ASi
PO74G00ASi
PO74G00ASiR
-40°C to
-40°C to
14pin Leadless
Ceramic Chip Carrier
PO54G00ALU
PO54G00AL
20pin Ceramic
Dual Flatpack
Tube
Pb-free & Green
Tube
Pb-free & Green
PO54G00AFU
PO54G00AF
-55°C to 125° C
-55°C to 125° C
125° C
125° C
TA
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
09/12/07
Denotes dimensions in inches
Denotes dimensions in millimenters
X.XX
X.XX
X.XX
X.XX
0.080 (2,03)
0.064 (1,63)
12
13
1
3
2
18
17
16
14
13
12
15
11
9
10
4
6
7
8
5
Packaging Mechanical Drawing: 20pin Ceramic Dual Flatpack
0.055 (1,40)
0.045 (1,14)
0.358 (9,09)
0.342 (8,69)
0.358 (9,09)
0.307 (7,80)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.020 (0,51)
0.010 (0,25)
0.020 (0,51)
0.010 (0,25)


Similar Part No. - PO74G00ASI

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G00ASR POTATO-PO74G00ASR Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PO74G00ASU POTATO-PO74G00ASU Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - PO74G00ASI

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G14A POTATO-PO74G14A_14 Datasheet
1Mb / 6P
   54, 74 Series Noise Cancellation GHz Logic
PO74G04A POTATO-PO74G04A_14 Datasheet
1Mb / 6P
   54, 74 Series Noise Cancellation GHz Logic
PO74G32A POTATO-PO74G32A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
PO74GU04A POTATO-PO74GU04A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
logo
List of Unclassifed Man...
SP74HC82 ETC1-SP74HC82 Datasheet
113Kb / 2P
   54/74 Series Adders Registers
logo
Hittite Microwave Corpo...
HMC948LP3E HITTITE-HMC948LP3E Datasheet
864Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC-MDB169 HITTITE-HMC-MDB169_09 Datasheet
159Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com