Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-5030 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5030
Description  Low Power Optical Mouse Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5030 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5030 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Figure 10. Mean resolution vs. distance from lens reference plane to surface.
Typical Performance Characteristics (Bit 0 of register 0x40 set to “0”)
Figure 12. Relative wavelength responsivity.
Figure 11. Typical path deviation.
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25°C, VDD = 3.3 V.
Parameter
Symbol
Minimum Typical Maximum Units Notes
DC Supply Current
in Various Mode
IDD_AVG_HIGH
15.2
17
mA
Average current, including LED current, at
max frame rate. No load on MISO. Bit 0 of
register 0x40 set to “0”
IDD_AVG_LOW
11.3
13.1
mA
Average current, including LED current, at
max frame rate. No load on MISO. Bit 0 of
register 0x40 set to “1”
IDD_REST1
0.34
0.54
mA
IDD_REST2
0.09
0.16
mA
IDD_REST3
0.03
0.06
mA
Power Down
2
uA
Input Low Voltage
VIL
0.5
V
SCLK, MOSI, NCS, NRESET
Input High Voltage VIH
VDD – 0.5
V
SCLK, MOSI, NCS, NRESET
Input hysteresis
VI_HYS
200
mV
SCLK, MOSI, NCS, NRESET
Input leakage
current
Ileak
±11
±10
10
mA
Vin=VDD-0.6V, SCLK, MOSI, NCS, NRESET
Output Low Voltage VOL
0.7
V
Iout=1mA, MISO
Output High
Voltage
VOH
VDD -0.7
V
Iout=-1mA, MISO
Input Capacitance
Cin
50
pF
MOSI, NCS, SCLK, NRESET
400
0
Wavelength (nm)
900
1.0
0.4
0.5
0.6
0.7
0.8
0.9
0.3
700
800
1000
0.1
0.2
600
500
0
200
400
600
800
1000
1200
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
Distance from Lens Reference Plane to Tracking Surface (Z)
White paper
Manila
White Melamine bookshelf
Black Formica
0
5
10
15
20
25
30
35
40
45
50
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
Distance from Lens Reference Plane to Tracking Surface (Z)
White paper
Manila
White Melamine bookshelf
Black Formica


Similar Part No. - ADNS-5030

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5030 BOARDCOM-ADNS-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5030

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com