Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-5030 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ADNS-5030
Description  Low Power Optical Mouse Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ADNS-5030 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADNS-5030
Low Power Optical Mouse Sensor
Data Sheet
Description
The Avago Technologies ADNS-5030 is a low power, small
form factor optical mouse sensor. It has a new low-power
architecture and automatic power management modes,
making it ideal for battery, power-sensitive applications
– such as cordless input devices.
The ADNS-5030 is capable of high-speed motion
detection – up to 14 ips and 2G. In addition, it has an
on-chip oscillator and LED driver to minimize external
components.
The ADNS-5030 along with the ADNS-5100/ADNS-5100-
001 lens, ADNS-5200 clip, and HLMP-ED80 LED form a
complete and compact mouse tracking system. There
are no moving parts, which means high reliability and
less maintenance for the end user. In addition, precision
optical alignment is not required, facilitating high volume
assembly.
The sensor is programmed via registers through a four-
wire serial port. It is housed in an 8-pin staggered dual
in-line package (DIP).
Theory of Operation
The ADNS-5030 is based on Optical Navigation Technol-
ogy, which measures changes in position by optically
acquiring sequential surface images (frames) and math-
ematically determining the direction and magnitude of
movement.
The ADNS-5030 contains an Image Acquisition System
(IAS), a Digital Signal Processor (DSP), and a four wire
serial port.
The IAS acquires microscopic surface images via the lens
and illumination system. These images are processed
by the DSP to determine the direction and distance of
motion. The DSP calculates the
Dx and Dy relative dis-
placement values.
An external microcontroller reads the
Dx and Dy informa-
tion from the sensor serial port. The microcontroller then
translates the data into PS2, USB, or RF signals before
sending them to the host PC.
Features
• Low power architecture
• Small form factor
• Self-adjusting power-saving modes for prolonging
battery life
• High speed motion detection up to 14 ips and 2 G
• Self-adjusting frame rate for optimum performance
• Internal oscillator – no clock input needed
• Selectable 500 and 1000 cpi resolution
• Operating voltage: 3.3 V nominal
• Four wire serial port interface
• Minimal number of passive components
Applications
• Optical mice and optical trackballs
• Integrated input devices
• Battery-powered input devices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-6032Low Power Laser Mouse Bundles 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TMP102Low Power Digital Temperature Sensor With SMBus™/Two-Wire Serial Interface in SOT563 1 2 3 4 5 MoreBurr-Brown (TI)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ADNB-6031Low Power Laser Mouse Bundles 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
NB2872ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
NE604AHigh performance low power FM IF system 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn