Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO54G00AFU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PO54G00AFU
Description  54, 74 Series GHz Logic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO54G00AFU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PO54G00AFU Datasheet HTML 1Page - List of Unclassifed Manufacturers PO54G00AFU Datasheet HTML 2Page - List of Unclassifed Manufacturers PO54G00AFU Datasheet HTML 3Page - List of Unclassifed Manufacturers PO54G00AFU Datasheet HTML 4Page - List of Unclassifed Manufacturers PO54G00AFU Datasheet HTML 5Page - List of Unclassifed Manufacturers PO54G00AFU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Copyright © 2005-2006, Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
09/12/07
Test Waveforms
Test Circuit
50
Propagation Delay
Input
Output
VoH
2.0V
1.5V
0.8V
VoL
3V
0V
1.5V
tf
tPHL
tPLH
tR
Vcc
15pF
to
2pF
D.U.T.
Pulse
Generator


Similar Part No. - PO54G00AFU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO54G00AFU POTATO-PO54G00AFU Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - PO54G00AFU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G14A POTATO-PO74G14A_14 Datasheet
1Mb / 6P
   54, 74 Series Noise Cancellation GHz Logic
PO74G04A POTATO-PO74G04A_14 Datasheet
1Mb / 6P
   54, 74 Series Noise Cancellation GHz Logic
PO74G32A POTATO-PO74G32A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
PO74GU04A POTATO-PO74GU04A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
logo
List of Unclassifed Man...
SP74HC82 ETC1-SP74HC82 Datasheet
113Kb / 2P
   54/74 Series Adders Registers
logo
Hittite Microwave Corpo...
HMC948LP3E HITTITE-HMC948LP3E Datasheet
864Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC-MDB169 HITTITE-HMC-MDB169_09 Datasheet
159Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com