Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-D155 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-D155
Description  T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D155 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-D155 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-D155 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-D155 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D155 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D155 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D155 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D155 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Selection Guide
Luminous Intensity Iv (mcd)
at 1 mA
2
θ1/2[1]
Package
Package Description
Device HLMP-
Min.
Typ.
Max.
Degree
Outline
T-1 3/4 Red Tinted Diffused
D150
1.3
3.0
65
A
D150-C00xx
1.3
3.0
65
A
D150-CD0xx
1.3
3.0
4.2
65
A
T-1 3/4 Red Untinted Non-diffused
D155
5.4
10.0
24
B
D155-F00xx
5.4
10.0
24
B
T-1 Red Tinted Diffused
K150
1.3
2.0
60
C
K150-C00xx
1.3
2.0
60
C
K150-CD0xx
1.3
3.0
4.2
60
C
T-1 Red Untinted Non-diffused
K155
2.1
3.0
45
C
K155-CD0xx
1.3
3.0
4.2
45
C
K155-D00xx
2.1
3.0
45
C
K155-DE0xx
2.1
3.0
6.8
45
C
Part Numbering System
Note:
1.
θ
1/2 is the off axis angle from lamp centerline where the luminous intensity is
1/2 the on-axis value.
HLMP - x 1 xx - x x x xx
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
A1, B1: Right Angle Housing, Uneven Leads
A2, B2: Right Angle Housing, Even Leads
DD, DH: Ammo Pack
Color Bin Optioms
0: Full color bin distribution
Maximum Iv Bin Options
0: Open (No max. limit)
Others: Please refer to the Iv bin table
Minimum Iv Bin Options
Please refer to the Iv bin table
Lens Option
50: Tinted, Diffused
55: Untinted, Nondiffused
Package Options
D: T-13/4 (5 mm)
K: T-1 (3 mm)


Similar Part No. - HLMP-D155

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-D155 HP-HLMP-D155 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D155 AVAGO-HLMP-D155 Datasheet
303Kb / 9P
   Minimum luminous intensity specified at 1 mA
logo
Broadcom Corporation.
HLMP-D155 BOARDCOM-HLMP-D155 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D155-10000 HP-HLMP-D155-10000 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D155-10001 HP-HLMP-D155-10001 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results

Similar Description - HLMP-D155

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com