Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6118CKG Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CYT6118CKG
Description  500mA CMOS LDO Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6118CKG Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CYT6118CKG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6118CKG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6118CKG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6118CKG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6118CKG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6118CKG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
All contents are subject to change without prior notice.
4
500mA CMOS LDO
Regulator
CYT6118
Application Hints
Like any Low dropout regulator,
CYT6118 requires
external capacitors to ensure stability. The external
capacitors must be carefully selected to ensure the
performances.
Input Capacitor:
An Input Capacitor of at least 10uF is required.
Ceramic or Tantalum can be used. The value can
be increased without upper limit.
Output Capacitor:
An Output Capacitor is required for look stability. It
must be located no more than 1cm away from the
VOUT pin, and connected directly between VOUT and
GND pins. The minimum value is 10uF but once
again its value can be increased without limit.
Thermal Consideration
It is important that the thermal limit of the package
should not be exceeded. The
CYT6118 has built-in
thermal protection. When the thermal limit is
exceeded, the IC will enter protection, and the VOUT
will be reset to zero. The power dissipation for a
given application can be calculated as follows:
The Power Dissipation (PD) is
PD = IOUT * [VIN – VOUT]
The thermal limit of the package is then limited to
PD(MAX) = [TJ – TA]/θJA where TJ is the junction
temperature, TA is ambient temperature, and θJA is
around 120°C/W for
CYT6118. CYT6118 is designed
to enter thermal protection at 150°C. For example, if
TA is 25°C then the max PD is limited to about 1W.
In other words, if IOUT(MAX) = 500mA, then [VIN
VOUT] can not exceed 2.1V.


Similar Part No. - CYT6118CKG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119AKG ETC2-CYT6119AKG Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119AKN ETC2-CYT6119AKN Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119BKG ETC2-CYT6119BKG Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119BKN ETC2-CYT6119BKN Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
More results

Similar Description - CYT6118CKG

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com