Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6118AKG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CYT6118AKG
Description  500mA CMOS LDO Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6118AKG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CYT6118AKG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6118AKG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6118AKG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6118AKG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6118AKG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6118AKG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All contents are subject to change without prior notice.
1
500mA CMOS LDO
Regulator
CYT6118
Description
The
CYT6118 is an efficient linear voltage
regulator. It has extra low dropout voltage. At light
loads the typical dropout voltage is 4.6mV, at full
load the typical dropout voltage is 300mV. The
output voltage accuracy is better than 2%.
The
CYT6118 has low ground current, so it can
help prolong battery life. The
CYT6118 is specially
designed for hand-held, battery-powered devices.
Features
Typical 90mV dropout voltage at 150mA.
Guaranteed 500mA output over the full
operating temperature range.
Low 300mV typical dropout voltage at full load.
Extremely tight load and line regulation.
Low temperature coefficient.
Current and thermal limiting.
No-load stability.
Standard SOT-89-3 package.
Pin Configuration
1
2
3
SOT-89
Top view
Applications
Active SCSI terminators.
Post regulators for switching supplies.
Battery chargers.
High-efficiency linear power supplies.
Computer motherboard, display, graphic card
DC/DC converter, such as 5V to 3.3V, 3.3V to
2.8V or 3.3V to 2.5V.
Typical Application
Control
Logic
1.25V Ref
Over Current
Protection
Thermal
Protection
Vout
5V
3.3V
Vin
gnd
gnd
gnd
C0
C=10u
C1
R2
rload
C=10u
M0
Ordering Information
CYT6118 _ _ _
PIN (1=>3): 1. G: OUT/GND/IN
Package Type: 1. K: SOT-89-3L
Output Voltage: 1. A: VOUT = 3.3V
2. B: VOUT = 2.8V
3. C: VOUT = 2.5V
4. D: VOUT = 1.8V
5. E: VOUT = 1.5V


Similar Part No. - CYT6118AKG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119AKG ETC2-CYT6119AKG Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119AKN ETC2-CYT6119AKN Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119BKG ETC2-CYT6119BKG Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
CYT6119BKN ETC2-CYT6119BKN Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
More results

Similar Description - CYT6118AKG

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com