Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0102DCUR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0102DCUR
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0102DCUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXB0102DCUR Datasheet HTML 3Page - Texas Instruments TXB0102DCUR Datasheet HTML 4Page - Texas Instruments TXB0102DCUR Datasheet HTML 5Page - Texas Instruments TXB0102DCUR Datasheet HTML 6Page - Texas Instruments TXB0102DCUR Datasheet HTML 7Page - Texas Instruments TXB0102DCUR Datasheet HTML 8Page - Texas Instruments TXB0102DCUR Datasheet HTML 9Page - Texas Instruments TXB0102DCUR Datasheet HTML 10Page - Texas Instruments TXB0102DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
TXB0102
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
WITH AUTO DIRECTION SENSING AND
±15-kV ESD PROTECTION
SCES641 – MAY 2007
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.1
6.3
1
5.2
0.9
4.7
tpd
ns
B
A
1.2
6.6
1.1
5.1
0.9
4.4
A
1
1
1
ten
OE
µs
B
1
1
1
A
5.1
21.3
4.6
15.2
4.6
13.2
tdis
OE
ns
B
4.4
20.8
3.8
16
3.9
13.9
trA
A port rise times
0.8
3
0.8
3
0.8
3
ns
tfA
A port fall times
0.8
3
0.8
3
0.8
3
ns
trB
B port rise times
0.7
3
0.5
2.8
0.4
2.7
ns
tfB
B port fall times
0.7
3
0.5
2.8
0.4
2.7
ns
tsk(o)
Channel-to-channel
0.5
0.5
0.5
ns
Max data rate
100
100
100
Mbps
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
A
B
0.9
4.7
0.8
4
tpd
ns
B
A
1
4.9
0.9
4.5
A
1
1
ten
OE
µs
B
1
1
A
4.6
15.2
4.3
12.1
tdis
OE
ns
B
3.8
16
3.4
13.2
trA
A port rise times
0.7
2.5
0.7
2.5
ns
tfA
A port fall times
0.7
2.5
0.7
2.5
ns
trB
B port rise times
0.5
2.3
0.4
2.7
ns
tfB
B port fall times
0.5
2.3
0.4
2.7
ns
tsk(o)
Channel-to-channel
0.5
0.5
ns
Max data rate
100
100
Mbps
7
Submit Documentation Feedback


Similar Part No. - TXB0102DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0102DCUR TI-TXB0102DCUR Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCUR TI-TXB0102DCUR Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCURG4 TI-TXB0102DCURG4 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCURG4 TI-TXB0102DCURG4 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results

Similar Description - TXB0102DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com