Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8220HQ Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA8220HQ
Description  30W BTL2ch Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8220HQ Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA8220HQ Datasheet HTML 1Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 2Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 3Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 4Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 5Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 6Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 7Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 8Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TA8220HQ
2004-09-28
2
Block Diagram
TA8220HQ (GV = 50dB)
Caution And Application Method
(description is made only on the single channel.)
1. Voltage gain adjustment
This IC has the amplifier constructions as shown Fig.1. The pre−amp (amp1) is provided to the primary stage,
and the input voltage is amplified by the flat amps, amp3 and amp4 of each channel through the phase amp
(amp2).
Since the input offset is prevented by pre−amp when VCC is set to on, this circuit can remarkably reduce the pop
noise.


Similar Part No. - TA8220HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
More results

Similar Description - TA8220HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8221AHQ TOSHIBA-TA8221AHQ Datasheet
1Mb / 16P
   30W BTL 횞 2Ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com