Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDL-5772-D22 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-5772-D22
Description  High Performance Photodiode in Side Look Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-5772-D22 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-5772-D22 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-5772-D22 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-5772-D22 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-5772-D22 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-5772-D22 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Absolute Maximum Ratings at TA=25°C
Parameter
Symbol
Min.
Max
Unit
Power Dissipation
PDISS
50
mW
Reverse Voltage (Ir=00uA)
VR
30
V
Operating Temperature
TO
-40
85
°C
Storage Temperature
TS
-55
00
°C
Junction temperature
TJ
0
°C
Lead Soldering Temperature
[ .6mm (0.063”) From Body ]
60°C for 5 seconds
Electrical Characteristics at 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF

.3
V
IF = 50mA
Breakdown Voltage
VBR
30
V
IR = 00uA
Ee = 0mW/cm
Reverse Dark Current
ID
30
nA
VR=0V
Ee=0mW/cm
Diode Capacitance
CO
-
5
pF
VR = 3V
F = MHZ
Ee = 0mW/cm
Open Circuit Voltage
VOC
350
mV
λ = 940nm
Ee=0.5mW/cm
Thermal Resistance,
Junction to Pin
RqJP
-
375
°C/W
Optical Characteristics at 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Photocurrent
IPH
.7

uA
Ee = 0.mW/cm
λ = 940nm
Vr = 5V
Radiant Sensitive Area
A
.55
mm
Absolute Spectral Sensitivity
S
0.6
A/W
λ = 940nm
Vr = 5V
Viewing Angle
/
40
Deg
Wavelength of Peak sensitivity
λPK
900
nm
Spectral BandWidth
Δλ
700
900
00
nm
Rise Time
tr
50
ns
VR = 0V
λ = 850nm
RL = K Ω
Fall Time
tf
50
ns
VR = 0V
λ = 850nm
RL = K Ω


Similar Part No. - ASDL-5772-D22

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-5770 AVAGO-ASDL-5770 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D22 AVAGO-ASDL-5770-D22 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D31 AVAGO-ASDL-5770-D31 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771 AVAGO-ASDL-5771 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771-D22 AVAGO-ASDL-5771-D22 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
More results

Similar Description - ASDL-5772-D22

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-5770 AVAGO-ASDL-5770 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771 AVAGO-ASDL-5771 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
logo
Everlight Electronics C...
EAPDSV4239A0 EVERLIGHT-EAPDSV4239A0 Datasheet
312Kb / 9P
   Side-Look Package Photodiode
logo
Unity Opto Technology
MID-73H1C UOT-MID-73H1C Datasheet
35Kb / 3P
   SIDE-LOOK PACKAGE PIN PHOTODIODE
MID-85H1C UOT-MID-85H1C Datasheet
37Kb / 3P
   SIDE LOOK PACKAGE PIN PHOTODIODE
MID-73A1C UOT-MID-73A1C Datasheet
34Kb / 3P
   SIDE-LOOK PACKAGE PIN PHOTODIODE
MID-85A1C UOT-MID-85A1C Datasheet
34Kb / 3P
   SIDE LOOK PACKAGE PIN PHOTODIODE
MID-8541C UOT-MID-8541C Datasheet
34Kb / 3P
   SIDE LOOK PACKAGE PIN PHOTODIODE
MID-7341C UOT-MID-7341C Datasheet
34Kb / 3P
   SIDE-LOOK PACKAGE PIN PHOTODIODE
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6770 AVAGO-ASDL-6770 Datasheet
180Kb / 4P
   High Performance Silicon NPN Phototransistor in Side Look Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com