Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3784UTE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3784UTE
Description  5Gbps PCB Equalizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3784UTE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3784UTE Datasheet HTML 1Page - Maxim Integrated Products MAX3784UTE Datasheet HTML 2Page - Maxim Integrated Products MAX3784UTE Datasheet HTML 3Page - Maxim Integrated Products MAX3784UTE Datasheet HTML 4Page - Maxim Integrated Products MAX3784UTE Datasheet HTML 5Page - Maxim Integrated Products MAX3784UTE Datasheet HTML 6Page - Maxim Integrated Products MAX3784UTE Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5Gbps PCB Equalizer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +3.6V, TA = 0
°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC.................................................-0.5V to +6V
Input Voltage............................................(-0.5V) to (VCC + 0.5V)
Continuous Output Current ...............................-25mA to +25mA
Continuous Power Dissipation (TA = +85
°C)
16-Pin QFN (derate 25mW/
°C above +85°C) ............1600mW
Operating Ambient Temperature Range ................0
°C to +85°C
Storage Temperature Range .............................-55
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN = low
30
Supply Power
EN = high
185
250
mW
10Hz < f < 100Hz
100
100Hz < f < 1MHz
40
Supply-Noise Tolerance
(Note 1)
1MHz < f < 2.5GHz
10
mVP-P
Latency
From input to output
200
ps
CML RECEIVER INPUT
Input Voltage Swing
VIN
Measured differentially at point A in Figure 1
400
1000
mVP-P
Return Loss
100MHz to 2.5GHz
15
dB
Input Resistance
Differential
80
100
120
Ω
EQUALIZATION
20in
0.13
0.21
Residual Deterministic Jitter,
5Gbps
Table 1 (Notes 2–5)
40in
0.18
0.23
UIP-P
20in
0.08
0.14
Residual Deterministic Jitter,
2.5Gbps
Table 1 (Notes 2–5)
40in
0.13
0.28
UIP-P
20in
0.04
0.07
Residual Deterministic Jitter,
1.25Gbps
Table 1 (Notes 2–5)
40in
0.07
0.15
UIP-P
Random Jitter
(Notes 5, 6)
1.3
1.9
psRMS
CML TRANSMITTER OUTPUT (into 100
Ω ±1Ω)
MAX3784
400
600
Output Voltage Swing
VO
Differential swing, measured
differentially at point C in Figure 1
MAX3784A
550
750
mVP-P
Transition Time
tf, tr
20% to 80% (Notes 5, 8)
30
45
60
ps
Output Resistance
Single ended
40
50
60
Ω


Similar Part No. - MAX3784UTE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX3784UTE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HP0504PB IDT-89HP0504PB Datasheet
803Kb / 26P
   4 Channel 5Gbps PCIe짰 Signal Repeater
logo
KR Electronics, Inc.
3069 KR-3069 Datasheet
60Kb / 2P
   Equalizer
2981 KR-2981 Datasheet
60Kb / 2P
   Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
   Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
   Equalizer
logo
List of Unclassifed Man...
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
   Equalizer
logo
Integrated Device Techn...
89HP0504UB IDT-89HP0504UB Datasheet
532Kb / 27P
   4 Channel 5Gbps USB 3.0 Signal Repeater
logo
Source Photonics, Inc.
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
   1G節?.5Gbps Spring-latch SFP Transceiver
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
   Parametric Equalizer
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
   equalizer AMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com