Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5109B Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5109B
Description  Dual Bootstrapped 12V MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5109B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5109B Datasheet HTML 1Page - Fairchild Semiconductor FAN5109B Datasheet HTML 2Page - Fairchild Semiconductor FAN5109B Datasheet HTML 3Page - Fairchild Semiconductor FAN5109B Datasheet HTML 4Page - Fairchild Semiconductor FAN5109B Datasheet HTML 5Page - Fairchild Semiconductor FAN5109B Datasheet HTML 6Page - Fairchild Semiconductor FAN5109B Datasheet HTML 7Page - Fairchild Semiconductor FAN5109B Datasheet HTML 8Page - Fairchild Semiconductor FAN5109B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5109B Rev. 1.0.0
4 of 14
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Parameter
Min
.
Max
.
Unit
VCC and LDRV to GND
-0.3
15.0
V
PWM and OD pins
-0.3
5.5
V
Continuous
-1.0
15.0
V
SW to GND
Transient (t=100ns, f = 500kHz)
(2)
-5.0
25.0
V
Continuous
-0.3
15.0
V
BOOT to SW
Transient (t<20ns, f = 500kHz)
-2.0
17.0
V
Continuous
-0.3
30.0
V
BOOT to GND
Transient (t=100ns, f =500kHz)
38.0
V
HDRV
VSW-1.0
VBOOT+0.3
V
Continuous
-0.5
VCC
V
Transient (t=200ns)
(2)
-2.0
VCC+0.3
V
LDRV
Transient (t<20ns, f = 500kHz)
(2)
-2.0
VCC+2.0
V
Note:
2.
For transient derating beyond the levels indicated, refer to Figure 17 and Figure 18.
Thermal Information
Symbol
Parameter
Min
.
Typ
.
Max
.
Unit
TJ
Junction Temperature
0
150
°C
TSTG
Storage Temperature
-65
150
°C
TL
Lead Soldering Temperature, 10 seconds
300
°C
TVP
Vapor Phase, 60 seconds
215
°C
TLI
Infrared, 15 seconds
220
°C
PD
Power Dissipation, TA = 25°C
715
mW
θJC
Thermal Resistance, SO-8: Junction-to-Case
40
°C/W
θJA
Thermal Resistance, SO-8: Junction-to-Ambient
140
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min
.
Typ
.
Max
.
Unit
VCC
Supply Voltage
VCC to GND
10.0
12.0
13.5
V
TA
Ambient Temperature
0
85
°C
TJ
Junction Temperature
0
125
°C


Similar Part No. - FAN5109B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109MX FAIRCHILD-FAN5109MX Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
More results

Similar Description - FAN5109B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. 0
ADP3417 AD-ADP3417 Datasheet
1Mb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
   Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com