Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMMP-6425 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AMMP-6425
Description  18-28 GHz 1W Power Amplifier in SMT Package
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6425 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6425 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
0
5
10
15
20
25
30
Frequency [GHz]
-30
-50
-25
-20
-15
-10
-5
0
Frequency [GHz]
0
5
10
15
20
25
30
35
Frequency[GHz]
P-1
PAE, @P-1
P-3
PAE, @P-3
Pin [dBm]
Frequency [GHz]
0
2
4
6
8
10
Frequency [GHz]
S12[dB]
S21[dB]
15
17
19
21
23
25
27
29
31
33
35
15
17
19
21
23
25
27
29
31
33
35
S11[dB]
S22[dB]
18
19
20
21
22
23
24
25
26
27
28
0
5
10
15
20
25
30
35
-20
-15
-10
-5
0
5
10
15
-200
0
200
400
600
800
1000
1200
Pout
PAE
Id
30
35
40
45
50
16
18
20
22
24
26
28
30
17
19
21
23
25
27
29
31
AMMP-6425 Typical Performance
(Data obtained from 2.4-mm connector based test fixture, and this data is including connecter loss, and board loss.)
(TA = 25°C, Vdd=5V, Idq=650mA, Vg=-1.1 V, Zin = Zout = 50Ω)
Figure 6. Typical Noise Figure
Figure 1. Typical Gain and Reverse Isolation
Figure 2. Typical Input & Output Return Loss
Figure 4. Typical Pout, Ids, and PAE vs. Pin at Freq=25GHz
Figure 3. Typical P-1 and PAE
Figure 5. Typical IP3 (Third Order Intercept) @Pin=-20dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn