Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMMP-6425 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AMMP-6425
Description  18-28 GHz 1W Power Amplifier in SMT Package
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6425 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6425 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AMMP-6425
18-28 GHz 1W Power Amplifier in SMT Package
Data Sheet
Description
The AMMP-6425 MMIC is a broadband 1W power
amplifier in a surface mount package designed for use
in transmitters that operate in various frequency bands
between 18GHz and 28GHz. At 25GHz, it provides 31dBm
of output power (P-1dB) and 25dB of small-signal gain
from a small easy-to-use device. The device has input
and output matching circuitry for use in 50Ω environ-
ments. The AMMP-6425 also integrates a temperature
compensated RF power detection circuit that enables
power detection of 0.25V/W. DC bias is simple and the
device operates on widely available 5V for current supply
(negative voltage only needed for Vg). It is fabricated in
a PHEMT process for exceptional power and gain perfor-
mance.
Pin Connections (Top View)
1
2
3
7
5
6
4
8
GND
BASE
PACKAGE
Pin
1
Vgg
2
Vdd
3
DET_O
4
RF_out
5
DET_R
6
Vdd
7
Vgg
8
RF_in
Function
RoHS-Exemption
Please refer to Hazardous substances table on page 11.
Features
5x5 mm Surface Mount Package
Wide Frequency Range 18-28GHz
One watt output power
50 Ω match on input and output
ESD protection (60V MM, and 200V HBM)
Specifications (Vdd=5V, Idsq=650mA)
Frequency range 18 to 28 GHz
Small signal Gain of 22dB
Output power @P-1 of 28dBm (Typ.)
Input/Output return-loss of -12dB
Applications
Microwave Radio systems
Satellite VSAT, DBS Up/Down Link
LMDS & Pt-Pt mmW Long Haul
Broadband Wireless Access (including 802.16 and
802.20 WiMax)
WLL and MMDS loops
Commercial grade military
Note:
1. This MMIC uses depletion mode pHEMT devices. Negative supply is
used for DC gate biasing.
Attention:
Observe Precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A): 60V
ESD Human Body Model (Class 0): 200V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn