Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNB-3552 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ADNB-3552
Description  Low Power LED Integrated Slim Mouse Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ADNB-3552 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Figure 2. Package outline drawing
Caution: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
11.30
(0.445)
16X
PTH
0.50
(0.020)
1.00
(0.039)
1.60
(0.063)
12.90
± 0.20
(0.508
± 0.008)
0.80
(0.031)
0.80
(0.031)
0.50
(0.020)
1.19
(0.047)
3.41
(0.134)
5.89
(0.232)
0.85
(0.033)
2.80
(0.110)
5.60
(0.220)
5.65
(0.222)
10.35
(0.408)
9.50
(0.374)
12.50
± 0.20
(0.492
± 0.008)
6.25
(0.246)
CL
CL
1.00
(0.039)
PAD #1
PROTECTIVE
KAPTON TAPE
OPTICAL CENTER
PAD #1
GUIDE HOLE B
GUIDE HOLE A
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. COPLANARITY OF PADS:
± 0.1 mm
3. CUMULATIVE PITCH TOLERANCE:
± 0.15 mm
4. PAD PITCH TOLERANCE:
± 0.1 mm
5. MAXIMUM FLASH: + 0.2 mm
6. DIMENSIONAL TOLERANCE (UNLESS OTHERWISE
STATED):
± 0.15 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn