Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CYXX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CYXX
Description  Precision Optical Performance 5mm Round Warm White LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CYXX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CYXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Figure 1. Relative Intensity vs. Wavelength
Figure 2. Forward current vs Ambient Temperature
Figure 3. Relative Intensity vs Forward Current
Figure 4. Chromaticity shift vs forward current
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
WAVELENGTH - nm
0
5
10
15
20
25
30
35
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE - °C
Figure 5. Forward current vs forward voltage
-0.004
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
-0.006
-0.004
-0.002
0
0.002
0.004
X-COORDINATE
20mA
30mA
5mA
10mA
0
5
10
15
20
25
30
35
0
1
2
3
4
FORWARD VOLTAGE - V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
30
35
DC FORWARD CURRENT - mA


Similar Part No. - HLMP-CYXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C008 HP-HLMP-C008 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Agilent(Hewlett-Packard...
HLMP-C008-U0000 HP-HLMP-C008-U0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

Similar Description - HLMP-CYXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
   5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
   5mm Round Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
   5mm Round Warm White LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
OptoSupply Internationa...
OSM57L5111P OPTOSUPPLY-OSM57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Warm White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com