Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CYXX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CYXX
Description  Precision Optical Performance 5mm Round Warm White LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CYXX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CYXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Note:Theammo-packsdrawingisapplicableforpackagingoption–DD&-ZZandregardlessstandoffornon-standoff
Ammo Packs Drawing
Recommended Wave Soldering Profile
BOTTOMSIDE
TOPSIDE
NOTE:ALLOWFORBOARDSTOBE
CONVEYORSPEED=1.83M/MIN(6FT/MIN)
250
200
150
FLUXING
TURBULENTWAVE
PREHEAT
TIME-SECONDS
100
50
30
0
10
20
30
40
50
60
70
80
90
100
LAMINARWAVE
HOTAIRKNIFE
LEADFREESOLDER
96.5%Sn;3.0%Ag;0.5%Cu
SUFFICIENTLYCOOLEDBEFORE
EXERTINGMECHANICALFORCE.
OFPCBOARD
OFPCBOARD
PREHEATSETTING=150
°C(100°CPCB)
SOLDERWAVETEMPERATURE=245
°C±5˚C
AIRKNIFEAIRTEMPERATURE=390
°C
AIRKNIFEDISTANCE=1.91mm(0.25IN.)
SOLDER:SN63;FLUX:RMA
AIRKNIFEANGLE=40
A
A
12.70±1.00
0.50±0.0394
20.50±1.00
0.807±0.039
18.00±0.50
0.7087±0.0197
9.125±0.625
0.3593±0.0246
12.70±0.30
0.50±0.0118
0.70±0.20
0.0276±0.0079
6.35±1.30
0.25±0.0512
ø\C7;4.00±0.20TYP.
0.1575±0.008
CATHODE
VIEW A-A


Similar Part No. - HLMP-CYXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C008 HP-HLMP-C008 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Agilent(Hewlett-Packard...
HLMP-C008-U0000 HP-HLMP-C008-U0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

Similar Description - HLMP-CYXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
   5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
   5mm Round Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
   5mm Round Warm White LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
OptoSupply Internationa...
OSM57L5111P OPTOSUPPLY-OSM57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Warm White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com