Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFGN-6100KPGSR Datasheet(PDF) 3 Page - Fujikura Ltd.

Part # XFGN-6100KPGSR
Description  Pre-amplified/5V Excitation/Gauge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

XFGN-6100KPGSR Datasheet(HTML) 3 Page - Fujikura Ltd.

  XFGN-6100KPGSR Datasheet HTML 1Page - Fujikura Ltd. XFGN-6100KPGSR Datasheet HTML 2Page - Fujikura Ltd. XFGN-6100KPGSR Datasheet HTML 3Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.54 2.54
0.8
7
0.8
10.3
M
AX.
15
3
2-R0.5
12
3
12
3
65
4
65
4
Projections
Projections
Vent hole
Pressure port
Labelled faceplate
Index
2- 1(Holes for projections)
6.0
9.4
1.7
Land-pads
Vout
C1
C2
GND
Vout
GND
Vcc
Vcc(DC5V)
-10
0
10
0
1
2
3
4
5
6
20
30
40
50
60
70
80
Temperature
Vout=Vs
(P
+
)
(Pressure Error
Temperature Error Multiplier
Vs)
Vs=5.0volts
Notes ; The output voltage (Vout) is no perfect ratiometric with the power supply voltage.
P=Input Pressure(kPa)
Temperature Error Multiplier
Note ; Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us.
Sensor Engineering Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
Fax. +81-(0)3-5606-1538
E-mail : sensor@fujikura.co.jp
XFPN-6
Unit:mm
Recommended footprint for PCB
(Unit : mm)
XFPN, XFGN-6
Pre-amplified/5V Excitation/Gauge
XFPN,XFGN-6 Data sheet
Model
pressure range
Pressure Error(kPa)
03PGV
0
24.5kPa
0.03266
0.1
0.612
025KPG
0
25kPa
0.032
0.1
0.625
050KPG
0
50kPa
0.016
0.1
1.25
100KPG
0
100kPa
0.008
0.1
2.5
100KPGV
0
100kPa
0.008
0.1
2.5
200KPG
0
200kPa
0.004
0.1
5.0
Outline dimensions
Connection diagram
Remarks :
1) C1 : Connect 680pF capacitor within 2cm distance from
leads.
2) C2 : Connect 0.01
F or more capacitor within 2cm dis-
tance from leads.
3) 4 and 5 pins must be No Connection. Open them as float-
ing ones completely, and do NOT connect to other line or
each other.
Transfer Function
3


Similar Part No. - XFGN-6100KPGSR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFGN-6100KPGSR FUJIKURA-XFGN-6100KPGSR Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
More results

Similar Description - XFGN-6100KPGSR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
XFPMC-025KPGRH FUJIKURA-XFPMC-025KPGRH Datasheet
160Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGMC-3025KPGSRH FUJIKURA-XFGMC-3025KPGSRH Datasheet
263Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFPM-050KPGR-P1 FUJIKURA-XFPM-050KPGR-P1 Datasheet
163Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFHM-025KPGR FUJIKURA-XFHM-025KPGR Datasheet
341Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPM-025KPGR FUJIKURA-XFPM-025KPGR Datasheet
447Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPN-025KPGR FUJIKURA-XFPN-025KPGR Datasheet
356Kb / 4P
   Pre-amplified/5V Excitation/Gauge
X3PMC-050KPGR FUJIKURA-X3PMC-050KPGR Datasheet
152Kb / 4P
   Pre-amplified/3V Excitation/Gauge
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com