Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM-050KPD Datasheet(PDF) 2 Page - Fujikura Ltd.

Part # PSM-050KPD
Description  Pressure sensor module/Gauge,Differential
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

PSM-050KPD Datasheet(HTML) 2 Page - Fujikura Ltd.

  PSM-050KPD Datasheet HTML 1Page - Fujikura Ltd. PSM-050KPD Datasheet HTML 2Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9
0.5
12.7
2.54
5
2.54
14
3max
8
17.8
1
6
7
12
Pressure port
Pressure sensor
Labelled faceplate
0.8
5
7.5
3max
20
0.5
12.7
14
2.54
6
2.5
R0.5
1
6
7
12
2.54
5
Pressure port 1
Pressure port 2
Pressure sensor
Labelled faceplate
11- 0.9 (Diameter of through holes)
11- 1.8 (Diameter of lands)
22.9
11- 0.9 (Diameter of through holes)
11- 1.8 (Diameter of lands)
22.9
Vout=Vs
(P
+
)
(Pressure Error
Temperature Error Multiplier
Vs)
Vs=5.0volts
P=Input Pressure(kPa)
Temperature Error Multiplier=1
PSM-G
unit (mm)
PSM-D
unit (mm)
Recommended footprint for PCB
unit(mm)
Recommended footprint for PCB
unit(mm)
ELECTRICAL
PIN CONNECTIONS
PIN NO. SYMBOL
Vcc
NO PIN
Vout
NC
NC
NC
NC
NC
NC
NC
NC
GND
ELECTRICAL
PIN CONNECTIONS
PIN NO. SYMBOL
Vcc
NO PIN
Vout
NC
NC
NC
NC
NC
NC
NC
NC
GND
Pressure sensor module/Gauge,Differential
PSM-G,PSM-D Data sheet
Note ; Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us.
Sensor Engineering Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
Fax. +81-(0)3-5606-1538
E-mail : sensor@fujikura.co.jp
Model
pressure range
Pressure Error(kPa)
025KPG(D)
0
25kPa
0.032
0.1
0.25
050KPG(D)
0
50kPa
0.016
0.1
0.5
100KPG(D)
0
100kPa
0.008
0.1
1.0
100KPGV(DV)
0
100kPa
0.008
0.1
1.0
100KPGW(DW)
0
+100kPa
0.004
0.5
2.0
200KPG(D)
0
200kPa
0.004
0.1
2.0
Outline dimensions
Transfer Function
2


Similar Part No. - PSM-050KPD

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSM-001KPDW FUJIKURA-PSM-001KPDW Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-001KPGW FUJIKURA-PSM-001KPGW Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-002KPD FUJIKURA-PSM-002KPD Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-002KPDW FUJIKURA-PSM-002KPDW Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-002KPG FUJIKURA-PSM-002KPG Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
More results

Similar Description - PSM-050KPD

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5291-BCE-S-100-000 SMI-SM5291-BCE-S-100-000 Datasheet
347Kb / 1P
   Gauge Pressure Sensor
SM4233-HGL-S-375-000 SMI-SM4233-HGL-S-375-000 Datasheet
907Kb / 8P
   Gauge Pressure Sensor
SM6291-BBE-S-021-000 SMI-SM6291-BBE-S-021-000 Datasheet
382Kb / 1P
   Gauge Pressure Sensor
SM7291-BBE-S-002-001 SMI-SM7291-BBE-S-002-001 Datasheet
448Kb / 1P
   Gauge Pressure Sensor
SM4232-HGA-S-005-000 SMI-SM4232-HGA-S-005-000 Datasheet
633Kb / 8P
   Gauge Pressure Sensor
SM4233-HGL-S-005-000 SMI-SM4233-HGL-S-005-000 Datasheet
633Kb / 8P
   Gauge Pressure Sensor
SM6291-BCE-S-030-000 SMI-SM6291-BCE-S-030-000 Datasheet
382Kb / 1P
   Gauge Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com