Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A60Q15-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A60Q15-2
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A60Q15-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A60Q15-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers A60Q15-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D 18
®
AC: 5-40A
600VAC, 200kA I.R.
®
DC: 5-40A
600VDC, 100kA I.R.
L/R = 10ms
Ratings
A60Q Amp-trap® Form 101 Semiconductor
Protection fuses feature the only 600 volt AC/DC
rating in the industry of similar size (1-1/2" x
13/32") fuses protecting semiconductors. A60Q
also has the lowest l
2t of all similar fuses and
excellent cycling ability. Applications include
inverters and small equipment requiring extremely
fast response to faults, without the need to carry
sustained heavy overloads.
Approvals
HIGHLIGHTS:
®
600VAC/DC Rated
®
Extremely Fast Acting
®
Current Limiting
®
Lowest l
2t
®
Excellent Cycling
Ability
APPLICATIONS:
®
Protection of small
inverters and drives,
and equipment
requiring the highest
degree of protection
A 60 Q 30 - 2
Amp-trap
® Fuse
Rated Volts - 600
Style
Amperes
Mounting Type
Ferrule, midget dims.
(1-1/2” x 13/32”)
Catalog Numbering System
A
60
Q
30
2
FUSE HOLDERS FOR A60Q FUSES
USM Series . . . .ULTRASAFETM Fuse Holders
303 Series . . . . .Midget Fuse Blocks
1-1/2”
(38.1 mm)
13/32”
(10.3 mm)
Features / Benefits
® Lowest l2t of any fuse this size for greater protection
® Excellent cycling ability gives advantage in equipment
design
® 600V AC/DC rated
AMP-TRAP®–Form 101
A60Q
SEMICONDUCTOR PROTECTION FUSES
AMPERE
CATALOG
AMPERE
CATALOG
RATING
NUMBER
RATING
NUMBER
5
A60Q5-2
20
A60Q20-2
6
A60Q6-2
25
A60Q25-2
8
A60Q8-2
30
A60Q30-2
10
A60Q10-2
35
A60Q35-2
12
A60Q12-2
40
A60Q40-2
15
A60Q15-2
Standard Fuse Ampere Ratings, Catalog Numbers
For ampere ratings and styles not listed, call Technical Services.
®
UL Recognized
Component
®
AC: UL Guide JFHR2
File E60314
®
DC: UL File E60314


Similar Part No. - A60Q15-2

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
A60 XPPOWER-A60 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
EPCOS
A60-A230X EPCOS-A60-A230X Datasheet
15Kb / 2P
   2-Electrode-Arrester
A60-A230XF EPCOS-A60-A230XF Datasheet
81Kb / 2P
   2-Electrode-Arrester
logo
Sanken electric
A6000 SANKEN-A6000 Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results

Similar Description - A60Q15-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com