Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A150X300-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A150X300-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A150X300-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A150X300-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A150X300-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
D 47
Melting Time – Current Data, 1500V Fuses
DC VOLTAGE CAPACITY VS. TIME CONSTANT
Current in Amperes
Available Current in RMS Symmetrical Amperes
Peak Let-Thru Data – A150X15 to 1000, 1500 VAC
AMP-TRAP®–Form 101
A150X
SEMICONDUCTOR PROTECTION FUSES
AMPERE
PRE-ARC
TOTAL I2t DATA
RATING
I2t
AT 1500VAC
(A2s x 103)
(A2s x 103)
15
1.4
2.94
20
2.5
5.25
25
3.8
8.04
30
5.5
11.6
35
7.5
15.8
40
9.8
20.6
50
15.3
32.1
60
22
46.2
70
31
62
80
40
80
90
50
100
100
61
128
125
100
215
150
138
290
175
188
395
200
245
515
250
383
804
300
551
1157
400
980
2057
450
1240
2603
500
1530
3213
600
2204
4629
800
3918
8829
1000
6122
12860
I2t DATA - 1500 VAC, 100kA
Circuit Time Constant L/R (ms)


Similar Part No. - A150X300-4

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A150 TELEDYNE-A150 Datasheet
247Kb / 5P
   ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
A150-20-5 TELEDYNE-A150-20-5 Datasheet
140Kb / 8P
   ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
logo
List of Unclassifed Man...
A1500 ETC1-A1500 Datasheet
675Kb / 6P
   1.50mm pitch wire to board connector
logo
Vishay Barry
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
   BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
logo
List of Unclassifed Man...
A1500-H ETC1-A1500-H Datasheet
675Kb / 6P
   1.50mm pitch wire to board connector
More results

Similar Description - A150X300-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com